Part Number Hot Search : 
B9425 UP04401 CGRC504 TA8029 FTSO5833 125VDC 1PBWA CDA07
Product Description
Full Text Search
 

To Download TJ51UEB100MHT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TJ5-HT
Vishay Dale
Toroid, High Current, High Temperature
FEATURES
* Printed circuit mounting * Toroid design reduces EMI * Vertical or horizontal mounting to optimize P.C. board layout * High temperature rating of 200 C - no aging * 100 % lead (Pb)-free and RoHS compliant
RoHS
COMPLIANT
APPLICATIONS
* Switching power supplies * EMI/RFI filtering * Output chokes
STANDARD ELECTRICAL SPECIFICATIONS in inches [millimeters]
RATED RATED CURRENT(1) CURRENT(1) DCR DCR (VERTICAL MOUNT) (HORIZONTAL MOUNT) VERTICAL HORIZONTAL SATURATION CURRENT(2) INDUCTANCE MOUNT MOUNT (H) L0 TOLERANCE TYP. MAX. TYP. MAX. (AMPS) (AMPS) (AMPS) 0.47 1.2 2.2 3.9 4.7 6.8 10 22 39 100 470 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 0.0016 0.0028 0.0036 0.0045 0.005 0.006 0.0075 0.015 0.02 0.05 0.17 0.0024 0.0032 0.0042 0.0058 0.0064 0.0074 0.011 0.019 0.025 0.069 0.29 0.0022 0.0032 0.0042 0.005 0.0055 0.0065 0.0084 0.016 0.022 0.054 0.175 0.003 0.0035 0.0048 0.006 0.007 0.0078 0.012 0.02 0.028 0.075 0.3 36 28 23 21 19 18 15.8 10.8 9.2 5.5 2.8 30 24 22 19.5 18.5 17 15.5 10.5 9.1 5.5 2.8 50 33 22 18 15 14 10 7 5 3.0 1.5 LEAD DIAMETER D 0.053 [1.346] 0.053 [1.346] 0.053 [1.346] 0.053 [1.346] 0.053 [1.346] 0.053 [1.346] 0.053 [1.346] 0.042 [1.067] 0.042 [1.067] 0.034 [0.864] 0.027 [0.686]
Note 1. DC current that will cause an approx. T of 50 C 2. DC current that will cause L0 to drop approx. 20 %
Operating Temperature (ambient + T): - 55 C to + 200 C Inductance tested at 0.25 VRMS, 1 kHz DCR tested at 25 C 5 C All material rated at 200 C
DIMENSIONS in inches [millimeters]
1.0 [25.40] Max. 0.58 [14.732] Max. LEADS TINNED TO WITHIN 0.62 [1.575] MAX. OF COIL 1.0 [25.40] Max.
0.58 [14.732] Max.
0.90 [22.86] Ref.
D TINNED LEADS 0.50 [12.70] Min. LEADS TINNED TO WITHIN 0.62 [1.575] MAX. OF COIL TINNED LEADS 0.50 [12.70] Min.
D 0.48 [12.192] Ref.
VERTICAL MOUNT (Mounting/Coating Code - 1U)
HORIZONTAL MOUNT (Mounting/Coating Code - 2U)
Document Number: 34232 Revision: 05-Dec-07
For technical questions, contact: magnetics@vishay.com
www.vishay.com 35
TJ5-HT
Vishay Dale
Toroid, High Current, High Temperature
DESCRIPTION
TJ5-HT MODEL 1U MOUNTING/COATING CODE 10 H INDUCTANCE VALUE 20 % INDUCTANCE TOLERANCE EB PACKAGE CODE e2 JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
T J MODEL 5 1 U E B 1 0 0 M INDUCTANCE TOLERANCE H T
MOUNTING/COATING CODE
PACKAGE CODE
INDUCTANCE VALUE
SERIES
PERFORMANCE GRAPHS: INDUCTANCE VS DC CURRENT AND DC CURRENT VS TEMPERATURE
HORIZONTAL MOUNTED VERTICAL MOUNTED
TJ52UEBR47MHT (TJ-5-HT 2U 0.47 H 20 % EB e2)
1.00 0.80 Inductance (H) 0.60 0.40 0.20 0.00 0 5 10 15 20 25 30 35 DC Current (Amps) 40 45 50 50 40 Temperature (C) 30 20 10 0 Inductance (H)
TJ51UEBR47MHT (TJ-5-HT 1U 0.47 H 20 % EB e2)
1.00 0.80 0.60 0.40 0.20 0.00 0 5 10 15 20 25 30 35 DC Current (Amps) 40 45 50 50 40 30 20 10 0 Temperature (C) Temperature (C) Temperature (C)
TJ52UEB1R2MHT (TJ-5-HT 2U 1.2 H 20 % EB e2)
2.50 2.00 Inductance (H) 1.50 1.00 0.50 0.00 0 5 10 15 20 25 DC Current (Amps) 30 35 50 40 Temperature (C) 30 20 10 0 Inductance (H)
TJ51UEB1R2MHT (TJ-5-HT 1U 1.2 H 20 % EB e2)
2.50 2.00 1.50 1.00 0.50 0.00 0 5 10 15 20 25 DC Current (Amps) 30 35 50 40 30 20 10 0
TJ52UEB2R2MHT (TJ-5-HT 2U 2.2 H 20 % EB e2)
5.00 4.00 Inductance (H) 3.00 2.00 1.00 0.00 0 5 10 15 DC Current (Amps) 20 25 50 40 Temperature (C) 30 20 10 0 Inductance (H)
TJ51UEB2R2MHT (TJ-5-HT 1U 2.2 H 20 % EB e2)
5.00 4.00 3.00 2.00 1.00 0.00 0 5 10 15 DC Current (Amps) 20 25 50 40 30 20 10 0
www.vishay.com 36
For technical questions, contact: magnetics@vishay.com
Document Number: 34232 Revision: 05-Dec-07
TJ5-HT
Vishay Dale
Toroid, High Current, High Temperature
PERFORMANCE GRAPHS: INDUCTANCE VS DC CURRENT AND DC CURRENT VS TEMPERATURE
HORIZONTAL MOUNTED VERTICAL MOUNTED
TJ52UEB3R9MHT (TJ-5-HT 2U 3.9 H 20 % EB e2)
5.00 4.00 Inductance (H) 3.00 2.00 1.00 0.00 0 5 10 15 DC Current (Amps) 20 25 50 40 Temperature (C) 30 20 10 0 Inductance (H)
TJ51UEB3R9MHT (TJ-5-HT 1U 3.9 H 20 % EB e2)
5.00 4.00 3.00 2.00 1.00 0.00 0 5 10 15 DC Current (Amps) 20 25 50 40 30 20 10 0 Temperature (C) Temperature (C) Temperature (C) Temperature (C)
TJ52UEB4R7MHT (TJ-5-HT 2U 4.7 H 20 % EB e2)
5.00 4.00 Inductance (H) 3.00 2.00 1.00 0.00 0 5 10 DC Current (Amps) 15 20 50 40 Temperature (C) 30 20 10 0 Inductance (H)
TJ51UEB4R7MHT (TJ-5-HT 1U 4.7 H 20 % EB e2)
5.00 4.00 3.00 2.00 1.00 0.00 0 5 10 DC Current (Amps) 15 20 50 40 30 20 10 0
TJ52UEB6R8MHT (TJ-5-HT 2U 6.8 H 20 % EB e2)
10.0 8.0 Inductance (H) 6.0 4.0 2.0 0.0 0 5 10 DC Current (Amps) 15 20 50 40 Temperature (C) 30 20 10 0 Inductance (H)
TJ51UEB6R8MHT (TJ-5-HT 1U 6.8 H 20 % EB e2)
10.0 8.0 6.0 4.0 2.0 0.0 0 5 10 DC Current (Amps) 15 20 50 40 30 20 10 0
TJ52UEB100MHT (TJ-5-HT 2U 10 H 20 % EB e2)
20.0 16.0 Inductance (H) 12.0 8.0 4.0 0.0 0 4 8 DC Current (Amps) 12 16 50 40 Temperature (C) 30 20 10 0 Inductance (H)
TJ51UEB100MHT (TJ-5-HT 1U 10 H 20 % EB e2)
20.0 16.0 12.0 8.0 4.0 0.0 0 4 8 DC Current (Amps) 12 16 50 40 30 20 10 0
www.vishay.com 37
For technical questions, contact: magnetics@vishay.com
Document Number: 34232 Revision: 05-Dec-07
TJ5-HT
Vishay Dale
Toroid, High Current, High Temperature
PERFORMANCE GRAPHS: INDUCTANCE VS DC CURRENT AND DC CURRENT VS TEMPERATURE
HORIZONTAL MOUNTED VERTICAL MOUNTED
TJ52UEB220MHT (TJ-5-HT 2U 22 H 20 % EB e2)
25 20 Inductance (H) 15 10 5 0 0 2 8 4 6 DC Current (Amps) 10 12 50 40 Temperature (C) 30 20 10 0 Inductance (H)
TJ51UEB220MHT (TJ-5-HT 1U 22 H 20 % EB e2)
25 20 15 10 5 0 0 2 8 4 6 DC Current (Amps) 10 12 50 40 30 20 10 0 Temperature (C) Temperature (C) Temperature (C) Temperature (C)
TJ52UEB390MHT (TJ-5-HT 2U 39 H 20 % EB e2)
50 40 Inductance (H) 30 20 10 0 0 2 4 6 DC Current (Amps) 8 10 50 40 Temperature (C) 30 20 10 0 Inductance (H)
TJ51UEB390MHT (TJ-5-HT 1U 39 H 20 % EB e2)
50 40 30 20 10 0 0 2 4 6 DC Current (Amps) 8 10 50 40 30 20 10 0
TJ52UEB101MHT (TJ-5-HT 2U 100 H 20 % EB e2)
100 80 Inductance (H) 60 40 20 0 0 1 4 2 3 DC Current (Amps) 5 6 50 40 Temperature (C) 30 20 10 0 Inductance (H)
TJ51UEB101MHT (TJ-5-HT 1U 100 H 20 % EB e2)
100 80 60 40 20 0 0 1 4 2 3 DC Current (Amps) 5 6 50 40 30 20 10 0
TJ52UEB471MHT (TJ-5-HT 2U 470 H 20 % EB e2)
500 400 Inductance (H) 300 200 100 0 0.0 50 40 Temperature (C) 30 20 10 0 3.0 Inductance (H)
TJ51UEB471MHT (TJ-5-HT 1U 470 H 20 % EB e2)
500 400 300 200 100 0 0.0 50 40 30 20 10 0 3.0
0.5
2.0 1.0 1.5 DC Current (Amps)
2.5
0.5
2.0 1.0 1.5 DC Current (Amps)
2.5
www.vishay.com 38
For technical questions, contact: magnetics@vishay.com
Document Number: 34232 Revision: 05-Dec-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TJ51UEB100MHT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X